M38278E4MXXXFP - SX Series Subminiature Basic Switch, Single Pole Double Throw Circuitry, 1 A at 125 Vac, Pin Plunger Actuator, Solder Termination, Military Part Number MS24547-6 LACING ANCHOR WIT 18,30 .031,1 Single Chip 8 Bits Microcomputer(8位单片机) Frame for modules; Series:Han 16B; Number of Contacts:4; Gender:Male; For Use With:Hinged frame Han Modular; Connector Type:Hinged frame for 4 modules, for housings (base) Enclosed Switches Series LS: Top Roller Plunger; 2NC 2NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non-Plug-in 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-TSSOP 0 to 70 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 8-SOIC -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 16-SOIC Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-HTSSOP -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 5-SOT-23 -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-SOIC -40 to 125 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/8 Ch. 20-SOIC 0 to 70 CA-BAYONET Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC -40 to 85 SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-PDIP 0 to 70 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-TSSOP 0 to 70 DIN Audio Connector; No. of Contacts:6; Mounting Type:Cable; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 6-SOT-23 -40 to 125 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-PDIP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-MSOP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC 0 to 70 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 12-Bit 66 kSPS ADC Ser. Out, Pgrmable Pwrdn, MSB/LSB First, Built-In Self-Test Mode, 11 Ch. 20-PDIP 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 14-SOIC -40 to 125 ADAPTER USB-SERIAL DB9/25 MALE RES-ARRAY 10-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-PDIP 0 to 70 Automotive Catalog Advanced LinCMOS Rail-to-Rail Output Wide-Input-Voltage Operational Amplifiers 14-TSSOP -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 10-MSOP 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 14-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 5-SOT-23 0 to 70 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP 0 to 70 POT 200K OHM 1/2 SQ CERM SL MT SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-SOIC -40 to 85 单芯位CMOS微机 EATON 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp 5-SOT-23 -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 8-SOIC -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 6-SOT-23 -40 to 125 单芯位CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 单芯CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifiers 14-TSSOP -40 to 125 单芯CMOS微机 800 uA/ch, 11Mhz, RRO, Low Voltage, Quad Channel Op Amp with Shutdown 16-TSSOP -40 to 125 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier 14-TSSOP 0 to 70 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-PDIP 0 to 70 单芯位CMOS微机 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-TSSOP -40 to 125 单芯位CMOS微机 MICA RoHS Compliant: No 单芯位CMOS微机 Automotive Catalog Low-Power Rail-to-Rail Input/Output Operational Amplifier with Shutdown 8-TSSOP -40 to 125 单芯位CMOS微机 Silver Mica Capacitor; Capacitance:2000pF; Capacitance Tolerance: 2%; Series:CM06; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 16-TSSOP 0 to 70 单芯位CMOS微机 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 CONN HEADER 6POS SGL PCB 30GOLD 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 6-SOT-23 0 to 70 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-PDIP 0 to 70 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-SOIC -40 to 125 单芯位CMOS微机 Quad Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 16-HTSSOP -40 to 125 单芯位CMOS微机 1-mA/CH, 9-MHz, RRO Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Dual Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, flush mount with flange, 10 Vdc excitation 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier 8-CDIP -55 to 125 Single 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC 0 to 70 Single Low-Power Rail-to-Rail Input/Output Op Amp 5-SOT-23 -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 20-SOIC SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER |